PART |
Description |
Maker |
1N5819RLG 1N5817 1N5817G 1N5817RL 1N5817RLG 1N5818 |
1A 40V Schottky Rectifier; Package: Axial Lead 5.20x2.70mm, 25.4x0.71mm Pkg, Lead len/dia; No of Pins: 2; Container: Bulk; Qty per Container: 1000 1 A, 40 V, SILICON, SIGNAL DIODE, DO-41 Axial Lead Rectifiers
|
ONSEMI[ON Semiconductor]
|
CR2-XXX CR2-005 CR2-010 CR2-020 CR2-040 CR2-060 CR |
Leaded Rectifier General Purpose 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 200 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 1200 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2安培整流0-1500伏轴向环氧案例枚CR2系列 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, SILICON, RECTIFIER DIODE
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp. Bourns, Inc.
|
5KP58CA-G 5KP80A-G 5KP80CA-G 5KP350A-G 5KP350CA-G |
Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=80V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=250V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=26V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=64V, Tolerance=5%
|
Comchip Technology
|
CD1N4148 |
High Speed Silicon Switching Diode Axial Lead
|
CDIL
|
CT59 CT52 CT56 |
(CT5x) HIGH SPEED SILICON SWITCHING DIODE AXIAL LEAD
|
CDIL
|
OZ100SG OZ150SG |
High Voltage Opto-diode - Axial Lead 0.30A - 0.50A ?3000ns
|
Voltage Multipliers Inc...
|
P6KE33A P6KE15A P6KE36 P6KE30 P6KE27 P6KE30A P6KE1 |
Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes 轴向引线二极管单向和双向瞬态电压抑制二极管
|
Semikron International
|
AL-XS1361-F7 |
Super Red Axial With Gull Wing Lead AXIAL LED LAMPS
|
A-BRIGHT Inc
|
AL-XJD361-F9 |
Super Orange Red Axial With Z-Bent Lead AXIAL LED LAMPS
|
A-BRIGHT Inc
|
AL-XJD361-F8 |
Super Orange Red Axial With YOKE Lead AXIAL LED LAMPS
|
A-BRIGHT Inc
|
AL-XUB361-F7 |
Super Red Axial With Gull Wing Lead AXIAL LED LAMPS
|
A-BRIGHT Inc
|
AL-XJB361-F9 |
Super Orange Red Axial With Z-Bent Lead AXIAL LED LAMPS
|
A-BRIGHT Inc
|
|